Part Number Hot Search : 
BAV21 25160 2SD401 36430 78L08A M600H ATF15 GB4571
Product Description
Full Text Search
 

To Download BCM1255 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM1255
(R)
DUAL-CORE 64-BIT MIPS(R) PROCESSOR (NEW!)
FEATURES * Two 64-bit MIPS(R) CPUs, scalable from 800 MHz-1.2 GHz SUMMARY OF BENEFITS * Industry-leading performance
*
*
*
*
* * *
* Quad issue in-order pipeline with dual-execute and dual-memory pipes * Enhanced skew pipeline enables a zero load-to-use penalty * 32-KB instruction cache and 32-KB data cache (ECC protected) Fast on-chip multiprocessor bus * Connects the CPUs, L2 cache, memory controller, and I/O bridges * Runs at half the CPU core frequency and is 256 bits wide On-chip L2 cache * 512 KB shared by two CPUs and I/O agents * Eight-way associative, ECC protected * Any way can be programmed as fast on-chip RAM DDR memory controller * Memory bandwidth as high as 100 Gbps * Configurable as 2x64-bit or 4x32-bit wide channels * Runs up to 400-MHz clock rate, 800-MHz data rate * Support for DDR1, DDR2, and FCRAM Integrated network and system I/O * Four Gigabit-Ethernet MACs configurable as packet FIFO interfaces * 64-bit PCI-X interface at 133 MHz * Generic I/O for direct connect to boot ROM, flash memory * Two SMBus serial configuration interfaces * PCMCIA control interface and up to 16 interrupts * Four UART interfaces On-chip debug capability * EJTAG * Bus trace unit (internal logic analyzer) Support for leading operating systems, including VxWorks(R), Linux(R), QNX(R), and NetBSD Evaluation board platform available with samples (includes tools, firmware, and software drivers)
VPN/Firewall Application DRAM
* 2.5 Dhrystone MIPS/MHz per CPU * 10 Million packets per second of L3 forwarding * 128 Gbps on-chip bus bandwidth, with 100 Gbps memory bandwidth and 31 Gbps 1/0 bandwidth Low-power dissipation of 13W @ 1 GHz *
* High functional integration, reducing overall system cost * Programming ease and flexibility based on MIPS64TM
instruction set architecture (ISA)
* Software compatible with BCM1250 and BCM112x * Broad tools and system software support
APPLICATIONS * Because of its world-class performance, power efficiency, and
integration, the BCM1255 processor is ideal for a broad variety of applications, including: * Enterprise-class routers and switches * Multifunction security platforms (VPN/SSL/IDS) * Compact NAS platforms * SAN routers/gateways/switches * Video servers and systems
Storage System or Video Server DRAM
SATA Disk Drives
...
GMII Control path GMII
ServerWorks SATA Bridge
TM
BCM1255
GMII Data path
BCM1255
PCI-X
FIFO
BCM5841
4 x GMII 2 Gbps Full-Duplex IPSec
OVERVIEW
JTAG
Debug/ Bus Trace
SB-1 Core
SB -1 Core 256 Bits
512K L2 Cache
DDR Memory Controller
100 Gbps
Serial Interfaces Dual SMBus I/O Bridge 64-Bit PCI -X DMA 10/100/ 1000 MAC
ZBbus TM
1/2 core clock; 128 Gbps @ 1 GHz DMA 10/100/ 1000 MAC
FIFO
Data Mover
DMA 10/100/ 1000 MAC
DMA 10/100/ 1000 MAC
GPIO/ Interrupt/ PCMCIA Generic Bus & Flash I/O
8 Gbps
4x GMII 8b/16b FIFO
1 Gbps
The BCM1255 device is an MIPS64 processor core-based system-on-achip (SOC) that offers industry-leading performance, high functional integration, and low-power levels required by next-generation computing, storage, and networking applications. The BCM1255 is a chip multiprocessor (CMP) system consisting of two Broadcom SB-1 high-performance MIPS64 CPUs, a shared 512-KB L2 cache, a DDR memory controller, and integrated I/O. All major blocks of the processor are connected together via the ZBbus, a high-speed, split-transaction multiprocessor bus. The bus implements the standard MESI protocol to ensure coherency between the two CPUs, L2 cache, I/O agents, and memory. Four Gigabit-Ethernet MACs (10/100/1000) enable easy interfacing to LANs or control backplanes. To enable higher data rates (or in cases where Ethernet protocol processing is not required), the Gigabit-Ethernet MACs can be configured as 8-bit and/or 16-bit packet FIFOs. The BCM1255 also integrates a 64-bit, 133-MHz PCI-X local bus for direct connection to I/O devices. Four serial ports are available for use as UARTs for console ports. To enable low-chip count systems, the BCM1255 also includes a configurable generic bus that allows glueless connection of a boot ROM or flash memory and simple I/O peripherals. On-chip debug, trace, and performance monitoring functions assist both hardware and software designers in debugging and tuning the system. The system can be run in either big-endian or little-endian mode.
Implementation of MIPS64 ISA The SB-1 CPU core is a high-performance implementation of the standard MIPS64 ISA that incorporates the MIPS-3D and MIPS-MDMX application-specific extensions (ASEs). The core supports a 4-issue enhanced skew pipeline and can dispatch up to two memory and two ALU (integer, floating point, MDMX, or MIPS-3D) instructions per cycle.
Next Generation Broadband Processors
BCM1255 BCM1280 BCM1455 BCM1480 # of CPUs 2 2 4 4 L2 Cache 512 KB 1 MB 1 MB 1 MB DDR2 Support Yes Yes Yes Yes # of MACs 4 GMII 4 GMII 4 GMII 4 GMII PCI-X 1 x 64-bit 1 x 64-bit 1 x 64-bit 1 x 64-bit # of SPI-4/HT Ports 0 3 0 3
Broadcom(R), the pulse logo, and Connecting everything(R) are trademarks of Broadcom Corporation and/ or its subsidiaries in the United States and certain other countries. All other trademarks mentioned are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2004 by BROADCOM CORPORATION. All rights reserved. 1255-PB01-R 09/30/04
Phone: 949-450-8700 Fax: 949-450-8710 E-mail: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM1255

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X